PART |
Description |
Maker |
LSO2801R5D LSO2801R5DEM LSO2801R5SEM LSO2802R5D LS |
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER 28V Input, Single/Dual Output
|
International Rectifier
|
SC4524C |
28V 2A Step-Down Switching Regulator Wide input range: 3V to 28V
|
Semtech Corporation
|
D1023UK D1023 |
METAL GATE RF SILICON FET Gold Metallised Multi-Purpose Silicon DMOS RF FET(60W-28V-175MHz,Single Ended)(镀金多用DMOS射频硅场效应60W-28V-500MHz,单端) 金镀金属多功能硅的DMOS射频场效应管0 28V 175MHz时,单端)(镀金多用的DMOS射频硅场效应管(60 28V的,500MHz的单端式))
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Microsemi, Corp.
|
AMF2803R3D AMF2803R3S AMF2815S_EM AMF2803R3D_EM AM |
Hi-Rel DC-DC Rad-Tolerant Single Converter in a AMF package ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS 12W; 28V input; single output; advanced analog radiation tolerant DC/DC converter
|
IRF[International Rectifier]
|
PN6CU-4812E PN6CU-0505E PN6CU-0512E PN6CU-1205E PN |
Input voltage: 48V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 48V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 3.3V (303mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output PN6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 PN6CU - XXXXE 1KV交隔W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
HEC100-48S3P3 HEC100-48S3P3-K HEC100-48S3P3-L HEC1 |
Input range:36-75 VDC;output voltage:3.3 VDC; output current:25 A;input current:2.022 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:5/2.5 VDC; output current:20/25 A;input current:2.45 A; 100 W dual output DC-DC converter Input range:36-75 VDC;output voltage:2.5 VDC; output current:25 A;input current:1.608 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:1.8 VDC; output current:25 A;input current:1.157 A; 100 W single output DC-DC converter
|
Power Mate Technology
|
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
PS-55JD1-012M1 PS-55JD1-015M1 PS-55JD1-005M1 PS-55 |
Hi-Rel DC-DC Standard Single Converter in a ATR package; A ATR2812S with Standard Packaging Hi-Rel RAD-Hard, Dual, 28V Input DC-DC Converter in LS package; Hi-Rel RAD-Hard, Dual, 28V Input DC-DC Converter in LS package Hi-Rel DC-DC Standard Triple Converter in a ATO package; A ATO2812T with Standard Packaging Analog IC 模拟IC
|
Electronic Theatre Controls, Inc.
|
1N4793A 1N4815B 1N4800A 1N4815A 1N4794A 1N4805 1N4 |
Diode VAR Cap Single 22V 27pF 2-Pin DO-7 Diode VAR Cap Single 22V 100pF 2-Pin DO-7 Diode VAR Cap Single 17V 100pF 2-Pin DO-7 Diode VAR Cap Single 22V 33pF 2-Pin DO-7 Diode VAR Cap Single 110V 15pF 2-Pin DO-7 Diode VAR Cap Single 99V 18pF 2-Pin DO-7 Diode VAR Cap Single 22V 18pF 2-Pin DO-7 Diode VAR Cap Single 72V 27pF 2-Pin DO-7 Diode VAR Cap Single 28V 8.2pF 2-Pin DO-7 Diode VAR Cap Single 22V 22pF 2-Pin DO-7 Diode VAR Cap Single 22V 47pF 2-Pin DO-7 Diode VAR Cap Single 28V 10pF 2-Pin DO-7 Diode VAR Cap Single 110V 10pF 2-Pin DO-7 Diode VAR Cap Single 28V 6.8pF 2-Pin DO-7 Diode VAR Cap Single 55V 47pF 2-Pin DO-7 Diode VAR Cap Single 33V 68pF 2-Pin DO-7 Diode VAR Cap Single 61V 39pF 2-Pin DO-7
|
New Jersey Semiconductor
|
AD8594 AD8594AR AD8594ARU AD8592 AD8592ARM AD8591A |
Dual, CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifier with ±250 mA Output Current and a Power-Saving Shutdown ... Single, CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifier with ±250 mA output Current and a Power-Saving Shutdown ... CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown CMOS单电源轨到轨输入/输出运算放大器,带有关断 CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown QUAD OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO16 CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO6 CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown DUAL OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO10
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
MAX8554 MAX8553 MAX8553EEE MAX8554EEE X8553-MAX855 |
4.5V to 28V Input. Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications 4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications Quadruple Positive-NAND Gates With Schmitt-trigger Inputs 14-CFP -55 to 125
|
Maxim Integrated Products, Inc.
|